Part Number Hot Search : 
CS3524A 15161351 F4226 5KP200A ISL59 40N03 BS170D C20VI
Product Description
Full Text Search
 

To Download CDSU101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Switching Diode
COMCHIP
www.comchip.com.tw
CDSU101A
High Speed
(Lead-free Device)
Features
Designed for mounting on small surface. Extremely thin/leadless package. Low leakage current (<50nA). High mounting capability, strong surge withstand, high reliability.
0.039(1.00) 0.031(0.80)
0603(1608)
0.071(1.80) 0.063(1.60)
Mechanical data
Case: 0603 (1608) standard package, molded plastic.
0.010(0.25) Typ. 0.033 (0.85) 0.027 (0.70)
Terminals: Gold plated, solderable per MIL-STD-750, method 2026.
0.012 (0.30) Typ.
Polarity: Indicated by cathode band.
0.014(0.35) Typ.
Mounting position: Any.
Dimensions in inches and (millimeter)
Weight: 0.003 gram (approximately)
Maximum Rating ( at T A = 25 C unless otherwise noted )
Parameter
Repetitive peak reverse voltage Reverse voltage Average forward current Forward current , surge peak Power Dissipation Storage temperature Junction temperature 8.3 ms single half sine-wave superimposed on rate load ( JEDEC method )
Conditions
Symbol Min Typ Max Unit
VRRM VR IO IFSM PD TSTG Tj -40 -40 1000 150 +125 +125 90 80 100 V V mA mA mW C C
Electrical Characteristics ( at T A = 25 C unless otherwise noted )
Parameter
Forward voltage Reverse current Capacitance between terminals Reverse recovery time VR = 75 V f = 1MHz, and 0.5VDC reverse voltage VR = 6V, IF = 10 mA, RL =50 ohms
Conditions
I F = 100 mA DC
Symbol Min Typ Max Unit
VF IR CT Trr 3 4 1.0 50 V nA pF nS
RDS0301002-B
SMD Switching Diode
COMCHIP
www.comchip.com.tw
RATING AND CHARACTERISTIC CURVES (CDSU101A)
Fig. 1 - Forward characteristics
1000m 10u
Fig. 2 - Reverse characteristics
Reverse current ( A )
100m
1u
Forward current (A )
125 C
100n
10m
1m
C
10n
75 C
125
C
C 25
75
-25
C
100u
1n
25 C
100p 0 0.2 0.4 0.6 0.8 1.0 1.2 0 10 20 30 40 50 60 70 80
10u
Forward voltage (V)
Reverse voltage (V)
Fig. 3 - Capacitance between terminals characteristics
Capacitance between terminals : (pF)
5.0
Fig. 4 - Current derating curve
Average forward current ( % )
f=1MHz Ta = 25 C
4.0
Mounting on glass epoxy PCBs
100
80
3.0
60
2.0
40
1.0
20
0 0 5 10 15 20 25 30
0
0 25 50 75 100 125 150
Reverse voltage : (V)
Ambient temperature ( C)
RDS0301002-B


▲Up To Search▲   

 
Price & Availability of CDSU101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X